Part Number Hot Search : 
87ANF 1N3963 TCSCS0J AQY21 HMC4320 DD600 SR40200P PBSS5250
Product Description
Full Text Search
 

To Download TCSCS0E227BAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  case code eia code l w 1 w 2 h z 1005 1005 1608 -10 1608 -9 1608 -9 2012l 2012 2012 3216l 3216 3528l 3528 6032 7343 1.0 0.2 1.0 0.2 1.6 0.15 0.1 1.6 0.1 1.6 0.15 0.1 2.0 0.2 2.0 0.2 2.0 0.2 3.2 0.3 3.2 0.2 3.5 0.2 3.5 0.2 6.0 0.3 7.3 0.3 0.5 0.2 0.5 0.2 0.85 0.15 0.1 0.85 0.1 0.85 0.15 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.6 0.2 2.8 0.2 2.8 0.2 3.2 0.3 4.3 0.3 0.4 0.05 0.4 0.05 0.6 0.1 0.6 0.1 0.6 0.1 0.9 0.1 0.9 0.1 0.9 0.1 1.2 0.1 1.2 0.1 2.2 0.1 2.2 0.1 2.2 0.1 2.4 0.1 0.60 max 0.55 max 0.85+0.15 - 0.1 0.8 0.1 0.90max 0.95 max 1.1 0.1 1.2 max 1.1 0.1 1.6 0.2 1.2 max 1.9 0.2 2.5 0.3 2.8 0.3 0.25 0.1 0.25 0.1 0.4 0.1 0.4 0.1 0.4 0.1 0.5 0.2 0.45 0.1 0.5 0.2 0.8 0.3 0.8 0.3 0.8 0.3 0.8 0.3 1.3 0.3 1.3 0.3 u i j k k r p p s a t b c d unit : mm l ta 2 o 5 c/ag mno 2 h w 1 zz w 2 l h w 1 zz w 2 tantalum capacitor type of series rated voltage code capacitance code capacitance tolerance code case size code packing code packing polarity code maximum esr in milliohms tc sce 0j 107 m d a r 0150 (a=7 inches, c=13 inches) normal type face - down type dielectric negative tantalum wire tantalum power positive lead frame emc feature configuration and dimension part number code case code (face-down type) manganese dioxide type
manganese dioxide type series system diagram 12 13 scf face down type scm 1608 miniaturized scs extended series scn standard series scl low profile sce low esr 1005size uitra miniaturized 1608, 2012size high capacitance face down terminal type 1608size miniaturized 3216~7343size low capacitance low profile 2102~7343size low esr 3216~7343size precautions in using tantalum capacitors 4 characteristics explanation scn series scs series scs-p series scm series scf series sce series taping specification marking specification scl series pcs series pcl series
16 17 capacitance dissipation factor (tan ) rated voltage(vr) category voltage (v) range tolerance t 85 85 t 125 surge voltage (v) operating temperature t 85 85 t 125 leakage current refer to specification -55 to 125 6.3 4.0 8.0 5.0 2.5 1.6 3.1 2 refer to specification 0.47 to 680 20%(m), 10%(k) 10.0 6.3 13.0 8.0 16.0 10.0 20.0 13.0 20.0 13.0 25.0 16.0 25.0 16.0 32.0 20.0 35.0 22.0 44.0 28.0 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 4v(0g) a a a a, b a, b a, b a, b, c b, c a, b,c, d c, d b, c, d d d 2.5v(0e) b 6.3v(0j) a a a a, b a, b a, b a, b, c a, b, c b, c, d b, c, d c, d c, d d d cap.( ) r. v 10v(1a) a a a a, b a, b a, b a, b, c a, b, c a, b, c, d c, d c, d d d 16v(1c) a a a a, b a, b a, b b, c b, c b, c, d c, d c, d d 20v(1d) a a a a, b a, b b b, c c b, c, d c, d d d d 25v(1e) a a a a, b a, b b b, c b, c c, d c, d d 35v(1v) a a a a, b b b c c c, d c, d d d miniaturized tantalum chip capacitors with extened capacitance. (reduced size 1/2 to 1/3 in comparison with scn.) molded case available in four case codes. new low profile size. compatible with automatic pick and place equipment. meets or exceeds eia standard 535baac. environment-friendly(pb-free) tantalum capacitor. feature specifications standard value and case size scs (miniaturized tantalum chip capacitors) precautions in using tantalum capacitors 4 characteristics explanation scn series scs series scs-p series scm series scf series sce series taping specification marking specification scl series pcs series pcl series
a a a a b a b a b a b c b c a b c d c d b c d d d 4.7 6.8 10 15 15 22 22 33 33 47 47 47 68 68 100 100 100 100 150 150 220 220 220 330 470 0.5 0.5 0.5 0.6 0.6 0.9 0.9 1.3 1.3 1.9 1.9 1.9 2.7 2.7 4.0 4.0 4.0 4.0 6.0 6.0 8.8 8.8 8.8 13.2 18.8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 30 8 8 8 8 8 18 8 8 8 10 8.0 6.0 6.0 4.0 3.5 4.0 3.5 4.0 3.5 2.0 3.5 1.8 1.8 1.6 2.0 0.8 1.6 0.8 1.2 0.8 0.5 0.6 0.9 0.7 0.6 tcscs0j335 aar tcscs0j475 aar tcscs0j685 aar tcscs0j106 aar tcscs0j106 bar tcscs0j156 aar tcscs0j156 bar tcscs0j226 aar tcscs0j226 bar tcscs0j336 aar tcscs0j336 bar tcscs0j336 car tcscs0j476 aar tcscs0j476 bar tcscs0j476 car tcscs0j686 bar tcscs0j686 car tcscs0j686 dar tcscs0j107mbar tcscs0j107 car tcscs0j107 dar tcscs0j157 car tcscs0j157 dar tcscs0j227 car tcscs0j227 dar tcscs0j337 dar tcscs0j477 dar a a a a b a b a b a b c a b c b c d b c d c d c d d d 3.3 4.7 6.8 10 10 15 15 22 22 33 33 33 47 47 47 68 68 68 100 100 100 150 150 220 220 330 470 0.5 0.5 0.5 0.6 0.6 0.9 0.9 1.4 1.4 2 2 2 3 3 3 4.3 4.3 4.3 6.3 6.3 6.3 9.5 9.5 13.9 13.9 20.8 29.6 8 8 8 8 8 8 8 8 8 6 8 8 12 8 8 8 8 8 10 8 8 8 8 8 8 8 10 8.0 6.0 6.0 4.0 3.5 4.0 3.5 2.0 3.5 2.0 3.0 1.8 2.0 1.3 1.6 3.5 1.2 0.8 0.8 0.8 0.8 1.3 0.9 0.6 0.7 0.5 0.3 part number 4 volt rating +85 (2.5 volt rating +125 ) 2.5 volt rating +85 (1.6 volt rating +125 ) 6.3 volt rating +85 (4 volt rating +125 ) case size capacitance ( f) dc leakage ( a) +25 max. df (%) +25 120hz max. esr ( ) +25 100khz max. tcscs0g475 aar tcscs0g685 aar tcscs0g106 aar tcscs0g156 aar tcscs0g156 bar tcscs0g226 aar tcscs0g226 bar tcscs0g336 aar tcscs0g336 bar tcscs0g476 aar tcscs0g476 bar tcscs0g476 car tcscs0g686 bar tcscs0g686 car tcscs0g107 aar tcscs0g107 bar tcscs0g107 car tcscs0g107 dar tcscs0g157 car tcscs0g157 dar tcscs0g227mbar tcscs0g227 car tcscs0g227 dar tcscs0g337 dar tcscs0g477 dar b 220 5.5 18 1.2 tcscs0e227 bar ratings & part number reference
18 19 precautions in using tantalum capacitors 4 characteristics explanation scn series scs series scs-p series scm series scf series sce series taping specification marking specification scl series pcs series pcl series part number 10 volt rating +85 (6.3 volt rating +125 ) case size capacitance ( f) dc leakage ( a) +25 max. df (%) +25 120hz max. esr ( ) +25 100khz max. tcscs1a225 aar tcscs1a335 aar tcscs1a475 aar tcscs1a685 aar tcscs1a685 bar tcscs1a106 aar tcscs1a106 bar tcscs1a156 aar tcscs1a156 bar tcscs1a226 aar tcscs1a226 bar tcscs1a226 car tcscs1a336 aar tcscs1a336 bar tcscs1a336 car tcscs1a476maar tcscs1a476 bar tcscs1a476 car tcscs1a476 dar tcscs1a686 car tcscs1a686 dar tcscs1a107 car tcscs1a107 dar tcscs1a157 dar tcscs1a227 dar a a a a b a b a b a b c a b c a b c d c d c d d d 2.2 3.3 4.7 6.8 6.8 10 10 15 15 22 22 22 33 33 33 47 47 47 47 68 68 100 100 150 220 0.5 0.5 0.5 0.7 0.7 1 1 1.5 1.5 2.2 2.2 2.2 3.3 3.3 3.3 9.4 4.7 4.7 4.7 6.8 6.8 10 10 15 22 8 8 8 8 8 8 8 8 8 8 8 8 12 8 8 20 8 8 8 8 8 8 8 8 8 8.0 6.0 6.0 6.0 3.5 2.0 3.5 4.0 3.5 2.0 3.0 1.8 2.0 1.8 1.6 3.0 1.6 1.2 0.8 0.9 0.8 1.2 0.7 0.8 0.4 a a a a b a b a b b c b c b c d c d c d d 1.5 2.2 3.3 4.7 4.7 6.8 6.8 10 10 15 15 22 22 33 33 33 47 47 68 68 100 0.5 0.5 0.5 0.7 0.7 1.0 1.0 1.6 1.6 2.4 2.4 3.5 3.5 5.3 5.3 5.3 7.5 7.5 10.9 10.9 16 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8.0 6.0 6.0 4.0 3.5 3.5 3.5 3.0 3.5 3.0 1.8 2.3 1.6 1.4 1.5 0.8 1.4 0.8 1.4 0.8 0.7 16 volt rating +85 (10 volt rating +125 ) tcscs1c155 aar tcscs1c225 aar tcscs1c335 aar tcscs1c475 aar tcscs1c475 bar tcscs1c685 aar tcscs1c685 bar tcscs1c106 aar tcscs1c106 bar tcscs1c156 bar tcscs1c156 car tcscs1c226 bar tcscs1c226 car tcscs1c336 bar tcscs1c336 car tcscs1c336 dar tcscs1c476 car tcscs1c476 dar tcscs1c686 car tcscs1c686 dar tcscs1c107 dar
all technical data relates to an ambient temperature of +25 capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.0 volts. dcl is measured at rated voltage after 5 minutes. insert k for 10% tolerance and m for 20%. tcscs1d105 aar tcscs1d155 aar tcscs1d225 aar tcscs1d335 aar tcscs1d335 bar tcscs1d475 aar tcscs1d475 bar tcscs1d685 bar tcscs1d106 bar tcscs1d106 car tcscs1d156 car tcscs1d226 bar tcscs1d226 car tcscs1d226 dar tcscs1d336 car tcscs1d336 dar tcscs1d476 dar tcscs1d686 dar tcscs1d107 dar a a a a b a b b b c c b c d c d d d d 1.0 1.5 2.2 3.3 3.3 4.7 4.7 6.8 10 10 15 22 22 22 33 33 47 68 100 0.5 0.5 0.5 0.7 0.7 1.0 1.0 1.4 2.0 2.0 3.0 4.4 4.4 4.4 6.6 6.6 9.4 13.6 20.0 6 8 8 8 8 8 8 8 8 8 8 6 8 8 8 8 8 8 8 10.0 8.0 7.0 4.0 3.5 3.5 3.5 3.5 3.0 1.8 1.7 1.8 1.6 0.8 1.2 0.8 0.7 0.7 0.9 part number 20 volt rating +85 (13 volt rating +125 ) 25 volt rating +85 (16 volt rating +125 ) case size capacitance ( f) dc leakage ( a) +25 max. df (%) +25 120hz max. esr ( ) +25 100khz max. tcscs1e684 aar tcscs1e105 aar tcscs1e155 aar tcscs1e225 aar tcscs1e225 bar tcscs1e335 aar tcscs1e335 bar tcscs1e475 bar tcscs1e685 bar tcscs1e685 car tcscs1e106 bar tcscs1e106 car tcscs1e156 car tcscs1e156 dar tcscs1e226 car tcscs1e226 dar tcscs1e336 dar a a a a b a b b b c b c c d c d d 0.68 1.0 1.5 2.2 2.2 3.3 3.3 4.7 6.8 6.8 10 10 15 15 22 22 33 0.5 0.5 0.5 0.6 0.6 0.8 0.8 1.2 1.7 1.7 2.5 2.5 3.7 3.7 5.5 5.5 8.2 6 6 8 8 8 6 8 8 8 8 8 8 8 8 8 8 8 10.0 8.0 8.0 6.0 4.5 3.7 3.5 3.0 2.8 1.9 1.8 1.5 1.5 1.0 1.2 0.8 0.7 35 volt rating +85 (22 volt rating +125 ) tcscs1v474 aar tcscs1v684 aar tcscs1v105 aar tcscs1v155 aar tcscs1v155 bar tcscs1v225 bar tcscs1v335 bar tcscs1v475 car tcscs1v685 car tcscs1v106 car tcscs1v106 dar tcscs1v156 car tcscs1v156 dar tcscs1v226 dar tcscs1v336mdar a a a a b b b c c c d c d d d 0.47 0.68 1.0 1.5 1.5 2.2 3.3 4.7 6.8 10 10 15 15 22 33 0.5 0.5 0.5 0.5 0.5 0.7 1.2 1.6 2.3 3.5 3.5 5.3 5.2 7.7 11.5 6 6 6 8 8 8 8 8 8 8 8 8 8 8 6 12.0 10.0 7.5 7.5 5.0 4.2 3.5 2.5 2.0 1.6 1.0 1.4 0.8 0.9 0.9
20 21 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 100 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 107 p p p p p p p p p p 4v(0g) p p p p p p p p p p p 6.3v(0j) cap.( ) r . v p p p p p p p p 10v(1a) p p p p p 16v(1c) p p 20v(1d) reduced to about 1/3 the cubic volume of the scn. new low profile case size. (0805 size tantalum chip capacitors) compatible with automatic pick and place equipment. meets or exceeds eia standard 535baac. feature specifications standard value and case size capacitance dissipation factor (tan ) rated voltage(vr) category voltage (v) range tolerance t 85 85 t 125 surge voltage (v) operating temperature t 85 85 t 125 leakage current between 0.01cv and 0.5 , whichever is larger -55 to 125 6.3 4.0 8.0 5.0 4.0 2.5 5.2 3.2 refer to specification 0.22 to 22 20%(m), 10%(k) 10.0 6.3 13.0 8.0 16.0 10.0 20.0 13.0 20.0 13.0 25.0 16.0 25.0 16.0 32.0 20.0 35.0 22.0 44.0 28.0 scs - p case (2012 size tantalum chip capacitors) precautions in using tantalum capacitors 4 characteristics explanation scn series scs series scs-p series scm series scf series sce series taping specification marking specification scl series pcs series pcl series
all technical data relates to an ambient temperature of +25 capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.0 volts. dcl is measured at rated voltage after 5 minutes. insert k for 10% tolerance and m for 20%. p p p p p p p p p p 0.22 0.47 0.68 1 2.2 3.3 4.7 6.8 10 22 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.9 4 4 4 6 6 6 8 6 8 8 25 25 20 20 15 8 9 8 6 3 tcscs0j224 par tcscs0j474 par tcscs0j684 par tcscs0j105 par tcscs0j225 par tcscs0j335 par tcscs0j475 par tcscs0j685 par tcscs0j106 par tcscs0j226mpar tcscs0j336mpar p p p p p p p p p p p 0.22 0.47 0.68 1 2.2 3.3 4.7 6.8 10 22 33 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 1.4 2.1 4 4 4 6 6 6 8 6 8 8 18 25 25 20 20 15 8 9 8 5 4 2 part number 4 volt rating +85 (2.5 volt rating +125 ) 6.3 volt rating +85 (4 volt rating +125 ) 10 volt rating +85 (6.3 volt rating +125 ) case size capacitance ( f) dc leakage ( a) +25 max. df (%) +25 120hz max. esr ( ) +25 100khz max. tcscs1a224 par tcscs1a474 par tcscs1a684 par tcscs1a105 par tcscs1a225 par tcscs1a335 par tcscs1a475 par tcscs1a106 par p p p p p p p p 0.22 0.47 0.68 1 2.2 3.3 4.7 10 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 4 4 4 6 6 6 8 8 25 25 20 20 15 8 4 6 16 volt rating +85 (10 volt rating +125 ) 20 volt rating +85 (13 volt rating +125 ) tcscs1c224 par tcscs1c474 par tcscs1c684 par tcscs1c105 par tcscs1c225 par p p p p p 0.22 0.47 0.68 1.0 2.2 0.5 0.5 0.5 0.5 0.5 6 6 6 6 6 25 25 20 20 6.5 tcscs1d474 par tcscs1d684 par p p 0.47 0.68 0.5 0.5 4 4 25 20 tcscs0g224 par tcscs0g474 par tcscs0g684 par tcscs0g105 par tcscs0g225 par tcscs0g335 par tcscs0g475 par tcscs0g685 par tcscs0g106 par tcscs0g226 par ratings & part number reference


▲Up To Search▲   

 
Price & Availability of TCSCS0E227BAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X